Electronic Components Datasheet Search
  English  ▼

X  

CP-E 24/2.5 Datasheet (PDF) - ABB

CP-E 24/2.5 Datasheet PDF - ABB
Part # CP-E 24/2.5
Download  CP-E 24/2.5 Download
File Size   53.11 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CP-E 24/2.5 Power supply In:100-240VAC Out: 24VDC/2.5A

CP-E 24/2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP-E 24/2.5 Datasheet PDF - ABB

Part # CP-E 24/2.5
Download  CP-E 24/2.5 Click to download

File Size   53.11 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CP-E 24/2.5 Power supply In:100-240VAC Out: 24VDC/2.5A

CP-E 24/2.5 Datasheet (HTML) - ABB


CP-E 24/2.5 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
CP-E 24/2.5
1SVR427032R0000
4016779656887
CP-E 24/2.5 Power supply In:100-240VAC Out: 24VDC/2.5A
The CP-E 24/2.5 is a power supply from the CP-E range. The primary switch mode power
supply offers a wide range input of 85-264 V AC and 90-375 V DC, rated input voltage is 100-
240 V AC. The rated output power is 60 W, rated output current is 2.5 A at an output voltage
of 24 V DC. The output voltage is adjustable within a range of 24 to 28 V DC. The power
supply provides a U/I output characteristic and allows parallel operation to enable
redundancy. A further feature is the signalling output (transistor) for output voltage OK. A
redundancy unit is available as accessory.




Similar Part No. - CP-E 24/2.5

ManufacturerPart #DatasheetDescription
logo
ABB
CP-E 24/0.75 ABB-CP-E 24/0.75 Datasheet
51Kb / 3P
CP-E 24/0.75 Power supply In:100-240VAC Out: 24VDC/0.75A
CP-E 24/10.0 ABB-CP-E 24/10.0 Datasheet
718Kb / 11P
Power supply CP-E 24/10.0 Primary switch mode power supply
08/2016
CP-E 24/5.0 ABB-CP-E 24/5.0 Datasheet
750Kb / 11P
Power supply CP-E 24/5.0 Primary switch mode power supply
08/2016
More results


Similar Description - CP-E 24/2.5

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMPS104 ADL-MSMPS104 Datasheet
185Kb / 1P
Power Supply, 15-28VDC in, 5V 10A out, 12V 1.5A out
MSMPS104A ADL-MSMPS104A Datasheet
188Kb / 1P
Power Supply, 8-20VDC in, 5V 10A out, 12V 1A out
MSMPS104B ADL-MSMPS104B Datasheet
188Kb / 1P
Power Supply, 20-55VDC in, 5V 10A out, 12V 1A out
logo
Contec Co., Ltd
CPS-PWD-30AW24-01 CONTEC-CPS-PWD-30AW24-01 Datasheet
355Kb / 2P
24VDC AC-DC Power Supply Unit
CPS-PWD-90AW24-01 CONTEC-CPS-PWD-90AW24-01 Datasheet
372Kb / 2P
24VDC AC-DC Power Supply Unit
logo
Schneider Electric
ABLM1A24025 SCHNEIDER-ABLM1A24025 Datasheet
328Kb / 10P
Regulated Power Supply, 100-240V AC, 24V 2.5A, single phase, Modular
Jun 3, 2021
BMXDRA1605H SCHNEIDER-BMXDRA1605H Datasheet
108Kb / 4P
discrete output module X80 - 16O relay - 24VDC - 24..240VAC - severe environment
Aug 10, 2019
logo
PHOENIX CONTACT
2938578 PHOENIX-2938578 Datasheet
91Kb / 7P
Power supply unit - QUINT-PS-100-240AC/24DC/ 2.5
11/05/2018
logo
NHP Electrical Engineer...
1766-L32BWA NHP-1766-L32BWA Datasheet
520Kb / 2P
MLX1400 240VAC 20DI-24VDC 12DO-RLY ENET 2XRS232/485
6 June 2023,
2080-PS120-240VAC NHP-2080-PS120-240VAC Datasheet
584Kb / 1P
M800 POWER SUPPLY 110-240VAC TO 24VDC 1.6A
6 June 2023,
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com